PART |
Description |
Maker |
40CTQ045 40TCQ045S 40CTQ045-1 40CTQ045S 40TCQ035-1 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp 45V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
MBR5025L |
40A SCHOTTKY RECTIFIER
|
Digitron Semiconductors
|
MBRB4030 MBRB4030T4 |
40A 30V Schottky Rectifier
|
ON Semiconductor
|
CF4060CT |
40A High Power Schottky Barrier Rectifier
|
Chip Integration Techno...
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SSR40C20 SSR40C30 SSR40C30CT SSR40C20CTM |
20 A, 200 V, SILICON CARBIDE, RECTIFIER DIODE, TO-254AA 40A / 300V Schottky Silicon Carbide Centertap Rectifier
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
NTE6006 NTE6007 NTE6008 NTE6009 NTE6011 NTE6010 |
Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Cathode to case. Peak repetitive reverse voltage 400V. Average rectified forward current 40A. Fast recovery rectifier, 200ns. Anode to case. Peak repetitive reverse voltage 200V. Average rectified forward current 40A. Fast Recovery Rectifier / 40A / 200ns Fast Recovery Rectifier 40A 200ns Fast Recovery Rectifier, 40A, 200ns
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
VFT2080C-M3-4W VFT2080C-M3/4W |
Dual Trench MOS Barrier Schottky Rectifier 10 A, 80 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
VTS40100CT TS40100CT |
20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB Dual High-Voltage Trench MOS Barrier Schottky Rectifier
|
VISHAY SEMICONDUCTORS Vishay Siliconix
|